19 series 830 pcb connectors 2.0 mm single row / double row solder tail hard metric pcb pin connectors, solder tail grid spacing 2.0 2.0 mm screw-machined pins ? 0.46C0.47 mm for corresponding receptacles see pages 18, 20 and 21 ordering information replace xxx with the number of poles, e.g. 832-10- xxx -20-001 for a double row version with 8 pins per row becomes: 832-10- 016 -20-001 830-10-xxx-10-001 830-90-xxx-10-001 straight pin connector: solder tail, single row availability from: 1 to 50 contacts standard number of contacts 50 832-10-xxx-10-001 832-90-xxx-10-001 straight pin connector: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 100 830-10-xxx-20-001 830-90-xxx-20-001 right angle pin connector: solder tail, single row availability from: 1 to 50 contacts standard number of contacts 50 832-10-xxx-20-001 832-90-xxx-20-001 right angle pin connector: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 100 platings sleeve clip pin 10 0.25 m m au 90 5 m m sn pb
|